전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJMC302EMM 데이터시트(PDF) 218 Page - Microchip Technology

부품명 DSPIC33FJMC302EMM
상세설명  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM 데이터시트(HTML) 218 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 214Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 215Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 216Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 217Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 218Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 219Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 220Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 221Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 218
© 2007-2012 Microchip Technology Inc.
21.8
Code Protection and
CodeGuard™ Security
The
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 devices offer the intermediate
implementation of CodeGuard™ Security. CodeGuard
Security enables multiple parties to securely share
resources (memory, interrupts and peripherals) on a
single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries, Code-
Guard™ Security can be used to securely update Flash
even when multiple IPs reside on the single chip.
The code protection features are controlled by the
Configuration registers: FBS and FGS.
Secure segment and RAM protection is not
implemented
in
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 devices.
TABLE 21-3:
CODE FLASH SECURITY
SEGMENT SIZES FOR
32 KBYTE DEVICES
TABLE 21-4:
CODE FLASH SECURITY
SEGMENT SIZES FOR
16 KBYTE DEVICES
Note:
Refer to Section 23. “CodeGuard™
Security”
(DS70199)
in
the
“dsPIC33F/PIC24H
Family
Reference
Manual” for further information on usage,
configuration
and
operation
of
CodeGuard Security.
CONFIG BITS
BSS<2:0>=x11
0K
BSS<2:0>=x10
256
BSS<2:0>=x01
768
BSS<2:0>=x00
1792
0x0057FE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
GS = 11008 IW
0x003FFE
0x004000
0x0057FE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
0x003FFE
0x004000
GS = 10240 IW
BS = 768 IW
0x0057FE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
0x003FFE
0x004000
GS = 7168 IW
BS = 3840 IW
0x0057FE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
GS = 3072 IW
0x003FFE
0x004000
BS = 7936 IW
CONFIG BITS
BSS<2:0>=x11
0K
BSS<2:0>=x10
256
BSS<2:0>=x01
768
BSS<2:0>=x00
1792
0x002BFE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
GS = 5376 IW
0x002BFE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
GS = 4608 IW
BS = 768 IW
0x002BFE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
GS = 1536 IW
BS = 3840 IW
0x002BFE
0x0001FE
0x000200
0x000000
VS = 256 IW
0x0007FE
0x000800
0x001FFE
0x002000
BS = 5376 IW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More