| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJMC302EMM 데이터시트(PDF) 183 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC302EMM 데이터시트(HTML) 183 Page - Microchip Technology |
|
183 / 330 page ![]() © 2007-2012 Microchip Technology Inc. DS70283K-page 183 dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 bit 4-2 SPRE<2:0>: Secondary Prescale bits (Master mode)(3) 111 = Secondary prescale 1:1 110 = Secondary prescale 2:1 • • • 000 = Secondary prescale 8:1 bit 1-0 PPRE<1:0>: Primary Prescale bits (Master mode)(3) 11 = Primary prescale 1:1 10 = Primary prescale 4:1 01 = Primary prescale 16:1 00 = Primary prescale 64:1 REGISTER 17-2: SPIXCON1: SPIx CONTROL REGISTER 1 (CONTINUED) Note 1: The CKE bit is not used in the Framed SPI modes. Program this bit to ‘0’ for the Framed SPI modes (FRMEN = 1). 2: This bit must be cleared when FRMEN = 1. 3: Do not set both Primary and Secondary prescalers to a value of 1:1. |