전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA555 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 KA555
상세설명  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  KA555 Datasheet HTML 1Page - Fairchild Semiconductor KA555 Datasheet HTML 2Page - Fairchild Semiconductor KA555 Datasheet HTML 3Page - Fairchild Semiconductor KA555 Datasheet HTML 4Page - Fairchild Semiconductor KA555 Datasheet HTML 5Page - Fairchild Semiconductor KA555 Datasheet HTML 6Page - Fairchild Semiconductor KA555 Datasheet HTML 7Page - Fairchild Semiconductor KA555 Datasheet HTML 8Page - Fairchild Semiconductor KA555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KA555
5
Figure 1 illustrates a monos table circuit. In this mode, the timer generates a fixed pulse whenever the trigger voltage falls
below Vcc/3. When the trigger pulse voltage applied to the #2 pin falls below Vcc/3 while the timer output is low, the timer's
internal flip-flop turns the discharging Tr. off and causes the timer output to become high by charging the external capacitor
C1and setting the flip-flop output at the same time.
The voltage across the external capacitor C1, VC1 increases exponentially with the time constant t=RA*C and reaches 2Vcc/3
at td=1.1RA*C. Hence, capacitor C1 is charged through resistor RA. The greater the time constant RAC, the longer it takes
for the VC1 to reach 2Vcc/3. In other words, the time constant RAC controls the output pulse width.
When the applied voltage to the capacitor C1 reaches 2Vcc/3, the comparator on the trigger terminal resets the flip-flop,
turning the discharging Tr. on. At this time, C1 begins to discharge and the timer output converts to low.
In this way, the timer operating in monos table repeats the above process. Figure 2 shows the time constant relationship based
on RA and C. Figure 3 shows the general waveforms during monos table operation.
It must be noted that, for normal operation, the trigger pulse voltage needs to maintain a minimum of Vcc/3 before the timer
output turns low. That is, although the output remains unaffected even if a different trigger pulse is applied while the output is
high, it may be affected and the waveform not operate properly if the trigger pulse voltage at the end of the output pulse
remains at below Vcc/3. Figure 4 shows such timer output abnormality
.
2. Astable Operation
Figure 4. Waveforms of Monos table Operation (abnormal)
100m
1
10
100
1k
10k
100k
1E-3
0.01
0.1
1
10
100
(R
A+2RB)
Frequency(Hz)
Figure 5. Astable Circuit
Figure 6. Capacitance and Resistance vs. Frequency
1
5
6
7
8
4
2
3
RESET
Vcc
DISCH
THRES
CONT
GND
OUT
TRIG
+Vcc
RA
C1
C2
RL
RB


유사한 부품 번호 - KA555

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

유사한 설명 - KA555

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com