전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA555 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 KA555
상세설명  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button KA555 Datasheet HTML 5Page - Fairchild Semiconductor KA555 Datasheet HTML 6Page - Fairchild Semiconductor KA555 Datasheet HTML 7Page - Fairchild Semiconductor KA555 Datasheet HTML 8Page - Fairchild Semiconductor KA555 Datasheet HTML 9Page - Fairchild Semiconductor KA555 Datasheet HTML 10Page - Fairchild Semiconductor KA555 Datasheet HTML 11Page - Fairchild Semiconductor KA555 Datasheet HTML 12Page - Fairchild Semiconductor KA555 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
KA555
9
6. Linear Ramp
When the pull-up resistor RA in the monos table circuit shown in Figure 1 is replaced with constant current source, the VC1
increases linearly, generating a linear ramp. Figure 13 shows the linear ramp generating circuit and Figure 14 illustrates the
generated linear ramp waveforms.
In Figure 13, current source is created by PNP transistor Q1 and resistor R1, R2, and RE.
For example, if Vcc=15V, RE=20kΩ, R1=5kW, R2=10kΩ, and VBE=0.7V,
VE=0.7V+10V=10.7V
Ic=(15-10.7)/20k=0.215mA
When the trigger is started in a timer configured as shown in Figure 13, the current flowing to capacitor C1 becomes a constant
current generated by PNP transistor and resistors.
8
4
7
1
2
3
5
6
CONT
GND
Vcc
DISCH
THRES
RESET
TRIG
OUT
+Vcc
R
A
C
R
B
Modulation
Output
Figure 11. Circuit for Pulse Position Modulation
Figure 12. Waveforms of pulse position modulation
Figure 13. Circuit for Linear Ramp
Figure 14. Waveforms of Linear Ramp
1
5
6
7
8
4
2
3
RESET
Vcc
DISCH
THRES
CONT
GND
OUT
TRIG
+Vcc
C2
R1
R2
C1
Q1
Output
RE
I
C
V
CC
V
E
R
E
−−−−−−−−−−−−−−−−
=
12
()
Here, V
E is
V
E
V
BE
R
2
R
1
R
2
+
−−−−−−−−−−−−−V
CC
+
=
13
()


유사한 부품 번호 - KA555

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

유사한 설명 - KA555

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com