전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA555 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA555
상세설명  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA555 Datasheet HTML 6Page - Fairchild Semiconductor KA555 Datasheet HTML 7Page - Fairchild Semiconductor KA555 Datasheet HTML 8Page - Fairchild Semiconductor KA555 Datasheet HTML 9Page - Fairchild Semiconductor KA555 Datasheet HTML 10Page - Fairchild Semiconductor KA555 Datasheet HTML 11Page - Fairchild Semiconductor KA555 Datasheet HTML 12Page - Fairchild Semiconductor KA555 Datasheet HTML 13Page - Fairchild Semiconductor KA555 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
KA555
10
Hence, the VC is a linear ramp function as shown in Figure 14. The gradient S of the linear ramp function is defined as
follows:
Here the Vp-p is the peak-to-peak voltage.
If the electric charge amount accumulated in the capacitor is divided by the capacitance, the VC comes out as follows:
V=Q/C
(15)
The above equation divided on both sides by T gives us
and may be simplified into the following equation.
S=I/C
(17)
In other words, the gradient of the linear ramp function appearing across the capacitor can be obtained by using the constant
current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215mA and the capacitance is 0.02uF, the gradient of the ramp function
at both ends of the capacitor is S=0.215m/0.022u=9.77V/ms.
S
V
pp
T
−−−−−−−−−−
=
14
()
V
T
−−
QT
C
−−−−−−−
=
16
()


유사한 부품 번호 - KA555

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

유사한 설명 - KA555

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com