전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YC164 데이터시트(PDF) 3 Page - YAGEO Corporation

부품명 YC164
상세설명  ARRAY CHIP RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

YC164 데이터시트(HTML) 3 Page - YAGEO Corporation

  YC164 Datasheet HTML 1Page - YAGEO Corporation YC164 Datasheet HTML 2Page - YAGEO Corporation YC164 Datasheet HTML 3Page - YAGEO Corporation YC164 Datasheet HTML 4Page - YAGEO Corporation YC164 Datasheet HTML 5Page - YAGEO Corporation YC164 Datasheet HTML 6Page - YAGEO Corporation YC164 Datasheet HTML 7Page - YAGEO Corporation YC164 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SERIES
YC/TC
164 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 27, 2008 V.3
Product specification
3
8
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a ARV241 resistor, value 1,000 X with ±5%
tolerance, supplied in tape of 10,000 units per reel is: 235003510102(L)
or YC164-JR-071K(L).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER / PE TAPE ON REEL (units) (2)
TYPE/
4×0603
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
5,000
20,000
ARV241 2350
±5%
1 to 1 MΩ
035 10xxx
035 12xxx
ARV242 2350
±1%
1 to 1 MΩ
025 1xxxx
025 3xxxx
ARC241 2350
±5%
10 to 1 MΩ
034 10xxx
013 3xxxx
ARC242 2350
±1%
10 to 1 MΩ
024 1xxxx
013 3xxxx
Jumper
2350
-
0 Ω
ARV241/YC164 035 91001
-
ARC241/TC164 034 91001
-


유사한 부품 번호 - YC164

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
YC164-FR-011K2L YAGEO-YC164-FR-011K2L Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC164-FR-070R YAGEO-YC164-FR-070R Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC164-FR-0710KL YAGEO-YC164-FR-0710KL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS YC/TC 164 (8Pin/4R) RoHS compliant
YC164-FR-0710R YAGEO-YC164-FR-0710R Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC164-FR-071K YAGEO-YC164-FR-071K Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
More results

유사한 설명 - YC164

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
Chip Resistors Array
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
ARRAY CHIP RESISTORS
logo
YAGEO Corporation
443424 YAGEO-443424 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com