전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2C204 데이터시트(PDF) 10 Page - Honeywell Accelerometers

부품명 2C204
상세설명  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL-ACC [Honeywell Accelerometers]
홈페이지  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2C204 데이터시트(HTML) 10 Page - Honeywell Accelerometers

Back Button 2C204 Datasheet HTML 3Page - Honeywell Accelerometers 2C204 Datasheet HTML 4Page - Honeywell Accelerometers 2C204 Datasheet HTML 5Page - Honeywell Accelerometers 2C204 Datasheet HTML 6Page - Honeywell Accelerometers 2C204 Datasheet HTML 7Page - Honeywell Accelerometers 2C204 Datasheet HTML 8Page - Honeywell Accelerometers 2C204 Datasheet HTML 9Page - Honeywell Accelerometers 2C204 Datasheet HTML 10Page - Honeywell Accelerometers 2C204 Datasheet HTML 11Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
114
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
MOUNTING DIMENSIONS (For reference only)
Long flange
operator-indicators
Long flange indicators
Spacing barriers
Short
Long
0,0 = mm
Key:
0.00 = inches.
Length Of Panel Cutout*
Add 4,19 mm/.165 in. to length for each optional spacing barrier used.
Number of Units
Type of Indicator or
Operator-Indicator
1
2
3
4
5
6
7
Long
mm
27,94
55,75
83,57
111,36
139,17
166,98
194,77
Flange
in.
1.1
2.195
3.290
4.384
5.479
6.574
7.668
*Nominal dimensions, ±0,25 mm/0.10 in. (In 5% of
the cases, the cutout will be undersized for the
build-up of assembled units and will require
enlargement.


유사한 부품 번호 - 2C204

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
2C204 HONEYWELL-2C204 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
More results

유사한 설명 - 2C204

제조업체부품명데이터시트상세설명
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Honeywell Solid State E...
AML51 HONEYWELL-AML51 Datasheet
650Kb / 5P
Manual Switches Buttons Lens for Switches and Indicators
logo
Honeywell Accelerometer...
AML51-R10B HONEYWELL-ACC-AML51-R10B Datasheet
650Kb / 5P
Buttons/Lens for Switches and Indicators
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com