전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 LM324
상세설명  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM324 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  LM324 Datasheet HTML 1Page - Fairchild Semiconductor LM324 Datasheet HTML 2Page - Fairchild Semiconductor LM324 Datasheet HTML 3Page - Fairchild Semiconductor LM324 Datasheet HTML 4Page - Fairchild Semiconductor LM324 Datasheet HTML 5Page - Fairchild Semiconductor LM324 Datasheet HTML 6Page - Fairchild Semiconductor LM324 Datasheet HTML 7Page - Fairchild Semiconductor LM324 Datasheet HTML 8Page - Fairchild Semiconductor LM324 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM2902,LM324/LM324A,LM224/LM224A
5
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, TA = 25
°C, unless otherwise specified)
Note:
1. VCC=30V for LM224A, LM324A
2. This parameter, although guaranteed, is not 100% tested in production.
Parameter
Symbol
Conditions
LM224A
LM324A
Unit
Min.
Typ. Max. Min. Typ. Max.
Input Offset Voltage
VIO
VCM = 0V to VCC
-1.5V
VO(P) = 1.4V, RS = 0
(Note1)
-
1.0
3.0
-
1.5
3.0
mV
Input Offset Current
IIO
VCM = 0V
-
2
15
-
3.0
30
nA
Input Bias Current
IBIAS
VCM = 0V
-
40
80
-
40
100
nA
Input Common-Mode
Voltage Range
VI(R)
VCC = 30V
0
-
VCC
-1.5
0-
VCC
-1.5
V
Supply Current
ICC
VCC = 30V, RL =
-1.5
3
-
1.5
3
mA
VCC = 5V, RL =
-
0.7
1.2
-
0.7
1.2
mA
Large Signal Voltage Gain
GV
VCC = 15V, RL= 2k
VO(P) = 1V to 11V
50
100
-
25
100
-
V/mV
Output Voltage Swing
VO(H)
Note1
RL = 2k
26
-
-
26
-
-
V
RL = 10k
27
28
-
27
28
-
V
VO(L)
VCC = 5V, RL=10k
-5
20
-5
20
mV
Common-Mode Rejection
Ratio
CMRR
-
70
85
-
65
85
-
dB
Power Supply Rejection Ratio
PSRR
-
65
100
-
65
100
-
dB
Channel Separation
CS
f = 1kHz to 20kHz
(Note2)
-
120
-
-
120
-
dB
Short Circuit to GND
ISC
VCC = 15V
-
40
60
-
40
60
mA
Output Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC =15V, VO(P) = 2V
20
40
-
20
40
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
10
20
-
10
20
-
mA
VI(+) = 0v, VI(-) = 1V
VCC = 5V
VO(P) = 200mV
12
50
-
12
50
-
µA
Differential Input Voltage
VI(DIFF)
--
-
VCC
--
VCC
V


유사한 부품 번호 - LM324

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM324 TI-LM324 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324 STMICROELECTRONICS-LM324 Datasheet
828Kb / 19P
   Low power quad operational amplifiers
October 2006 Rev 5
logo
Texas Instruments
LM324 TI-LM324 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM324 TI1-LM324 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results

유사한 설명 - LM324

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com