전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4425 데이터시트(PDF) 12 Page - Fairchild Semiconductor

부품명 ML4425
상세설명  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425 데이터시트(HTML) 12 Page - Fairchild Semiconductor

Back Button ML4425 Datasheet HTML 8Page - Fairchild Semiconductor ML4425 Datasheet HTML 9Page - Fairchild Semiconductor ML4425 Datasheet HTML 10Page - Fairchild Semiconductor ML4425 Datasheet HTML 11Page - Fairchild Semiconductor ML4425 Datasheet HTML 12Page - Fairchild Semiconductor ML4425 Datasheet HTML 13Page - Fairchild Semiconductor ML4425 Datasheet HTML 14Page - Fairchild Semiconductor ML4425 Datasheet HTML 15Page - Fairchild Semiconductor ML4425 Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ML4425
PRODUCT SPECIFICATION
12
REV. 1.0.2 7/2/01
Cross Conduction Comparator
When the ML4425 goes from align mode into ramp mode,
there is a possibility of cross conduction in phase 3 of the
bridge power stage. This cross conduction can happen when
HC is on in the align mode shown as state R in Table 1, and
the controller transitions to state A in ramp mode where HC
is turned off and LC is turned on. Cross conduction can
appear due to the differences in turn on and turn off times of
the power devices. To solve this problem, the LC output
driver is gated off until the HC is equal to VDD – 3V as
shown in Figure 10.
Braking
When the BRAKE pin is pulled below 1.4V, the low side
output drivers LA, LB, and LC are turned on and the high
side output drivers HA, HB, HC are turned off. Braking
causes rapid deceleration of the motor and current limiting is
de-activated, and care should be taken when using the
BRAKE pin. BRAKE is has an internal 4k
Ω pull-up as
shown in Figure 10, and can be driven by a switch to ground,
an open collector or drain logic signal, or a TTL logic signal.
Undervoltage Lockout
Undervoltage lockout is used to protect the 3-phase bridge
power stage from a low VDD condition. Undervoltage is trig-
gered at VDD of 9.5V or less and is indicated by a TTL low
output on the UV FAULT pin. Undervoltage lockout also
turns off all output drivers (LA, LB, LC, HA, HB, and HC).
The comparator that triggers undervoltage lockout has
150mV of hystresis.
Design Considerations
Interfacing to a 3-Phase Bridge Power Stage
The ML4425 output drivers are configured to drive a 3 phase
bridge power stage. For applications with buss voltages from
12V up to 80V, level shifting circuitry can be used to drive
higher voltage P-channel MOSFETS for the high side
switches as shown in Figure 11.
The most flexible configuration is to use high side drivers to
control N-Channel MOSFETs (or IGBTs) which allows
applications from less than 12V up to 600V. Figure 12 shows
the interface between the ML4425 and IR2118 high side
drivers from International Rectifier. This configuration is
capable of driving motors from busses of up to 320V. The
BRAKE pin can be pulsed prior to startup with an RC
circuit. This charges the bootstrap capacitors (C19, C20, and
C21) for the three high side drivers, allowing the reset phase
to operate normally. These capacitors must be sized so that
they stay sufficiently charged during the align mode. Refer to
AN-43 for additional applications information on the
ML4425.
Figure 10. Cross Conduction, Brake, and UVLO Circuits
2
4
3
9
10
HA
HB
HC
LA
LB
GATING
LOGIC
&
OUTPUT
DRIVERS
+
1.4V
9.5V
25
BRAKE
VDD
4k
14
VDD
28
GND
27
RREF
11
LC
REFERENCE
18
UV FAULT
7
VREF
FROM
COMMUTATION
STATE MACHINE
FROM
SPEED CONTROL LOOP
& CURRENT LIMIT
+


유사한 부품 번호 - ML4425

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CH MICRO-LINEAR-ML4425CH Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CS MICRO-LINEAR-ML4425CS Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425IH MICRO-LINEAR-ML4425IH Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

유사한 설명 - ML4425

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com