전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4425 데이터시트(PDF) 13 Page - Fairchild Semiconductor

부품명 ML4425
상세설명  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425 데이터시트(HTML) 13 Page - Fairchild Semiconductor

Back Button ML4425 Datasheet HTML 8Page - Fairchild Semiconductor ML4425 Datasheet HTML 9Page - Fairchild Semiconductor ML4425 Datasheet HTML 10Page - Fairchild Semiconductor ML4425 Datasheet HTML 11Page - Fairchild Semiconductor ML4425 Datasheet HTML 12Page - Fairchild Semiconductor ML4425 Datasheet HTML 13Page - Fairchild Semiconductor ML4425 Datasheet HTML 14Page - Fairchild Semiconductor ML4425 Datasheet HTML 15Page - Fairchild Semiconductor ML4425 Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PRODUCT SPECIFICATION
ML4425
REV. 1.0.2 7/2/01
13
Figure 11. Driving Lower Voltage Motors (12 to 80V)
R19
80.5k
BRAKE
RUN
R10 (RES1)
R9 (RES1)
R8 (RES1)
S1
C16
330pF
MOTOR
C5
2.2nF
R16
10k
R14
2k
C17
1nF
C9
100nF
C12
R18
10k
R21
787
R6
100
R5
100
R7
100
C14
1
µF
C13
100nF
Q7
IRFR120
Q8
IRFR120
Q9
IRFR120
R1
470m
2W
VBUSS
24V–80V
C1
100nF
100V
C2
330
µF
100V
R2
10k
Q1
TN6718A
C15
470nF
12V
Q4
FQD8P10
R3
10k
Q2
TN6718A
Q5
FQD8P10
R4
10k
Q3
TN6718A
R15
1k
R13
2k
R12
2k
Q6
FQD8P10
C3
1
µF
ML4425
ISENSE
HA
HB
HC
SPEED COMP
CT
VREF
SPEED SET
LA
LB
LC
ILIMIT
VCO/TACH
VDD
GND
RREF
CIOS
BRAKE
FB C
FB B
FB A
CRR
SPEED FB
CRT
UV FAULT
CAT
RVCO
CVCO
R20
137k
C4
C8
1
µF
C14
R17
10k
C7
100nF
C6
1
µF
12V


유사한 부품 번호 - ML4425

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CH MICRO-LINEAR-ML4425CH Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425CS MICRO-LINEAR-ML4425CS Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4425IH MICRO-LINEAR-ML4425IH Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

유사한 설명 - ML4425

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com