전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08SH4MPJR 데이터시트(PDF) 212 Page - Freescale Semiconductor, Inc

부품명 MC9S08SH4MPJR
상세설명  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR 데이터시트(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 208Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 209Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 210Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 211Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 341 page
background image
Chapter 14 Serial Communications Interface (S08SCIV4)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
208
Freescale Semiconductor
14.2 Register Definitio
The SCI has eight 8-bit registers to control baud rate, select SCI options, report SCI status, and for
transmit/receive data.
Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address
assignments for all SCI registers. This section refers to registers and control bits only by their names. A
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
14.2.1
SCI Baud Rate Registers (SCIxBDH, SCIxBDL)
This pair of registers controls the prescale divisor for SCI baud rate generation. To update the 13-bit baud
rate setting [SBR12:SBR0], first write to SCIxBDH to buffer the high half of the new value and then write
to SCIxBDL. The working value in SCIxBDH does not change until SCIxBDL is written.
SCIxBDL is reset to a non-zero value, so after reset the baud rate generator remains disabled until the first
time the receiver or transmitter is enabled (RE or TE bits in SCIxC2 are written to 1).
76543210
R
LBKDIE
RXEDGIE
0
SBR12
SBR11
SBR10
SBR9
SBR8
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-4. SCI Baud Rate Register (SCIxBDH)
Table 14-1. SCIxBDH Field Descriptions
Field
Description
7
LBKDIE
LIN Break Detect Interrupt Enable (for LBKDIF)
0 Hardware interrupts from LBKDIF disabled (use polling).
1 Hardware interrupt requested when LBKDIF flag is 1.
6
RXEDGIE
RxD Input Active Edge Interrupt Enable (for RXEDGIF)
0 Hardware interrupts from RXEDGIF disabled (use polling).
1 Hardware interrupt requested when RXEDGIF flag is 1.
4:0
SBR[12:8]
Baud Rate Modulo Divisor — The 13 bits in SBR[12:0] are referred to collectively as BR, and they set the
modulo divide rate for the SCI baud rate generator. When BR = 0, the SCI baud rate generator is disabled to
reduce supply current. When BR = 1 to 8191, the SCI baud rate = BUSCLK/(16
×BR). See also BR bits in
Table 14-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com