전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08SH4MPJR 데이터시트(PDF) 163 Page - Freescale Semiconductor, Inc

부품명 MC9S08SH4MPJR
상세설명  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR 데이터시트(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 164Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 165Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 166Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
159
10.4.1.5
FLL Bypassed External (FBE)
The FLL bypassed external (FBE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10.
•
IREFS bit is written to 0.
•
BDM mode is active or LP bit is written to 0.
In FLL bypassed external mode, the ICSOUT clock is derived from the external reference clock. The FLL
clock is controlled by the external reference clock, and the FLL loop will lock the FLL frequency to 1024
times the reference frequency, as selected by the RDIV bits, so that the ICSLCLK will be available for
BDC communications, and the external reference clock is enabled.
10.4.1.6
FLL Bypassed External Low Power (FBELP)
The FLL bypassed external low power (FBELP) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10.
•
IREFS bit is written to 0.
•
BDM mode is not active and LP bit is written to 1.
In FLL bypassed external low power mode, the ICSOUT clock is derived from the external reference clock
and the FLL is disabled. The ICSLCLK will be not be available for BDC communications. The external
reference clock is enabled.
10.4.1.7
Stop
Stop mode is entered whenever the MCU enters a STOP state. In this mode, all ICS clock signals are static
except in the following cases:
ICSIRCLK will be active in stop mode when all the following conditions occur:
•
IRCLKEN bit is written to 1
•
IREFSTEN bit is written to 1
ICSERCLK will be active in stop mode when all the following conditions occur:
•
ERCLKEN bit is written to 1
•
EREFSTEN bit is written to 1
10.4.2
Mode Switching
When switching between FLL engaged internal (FEI) and FLL engaged external (FEE) modes the IREFS
bit can be changed at anytime, but the RDIV bits must be changed simultaneously so that the resulting
frequency stays in the range of 31.25 kHz to 39.0625 kHz. After a change in the IREFS value the FLL will
begin locking again after a few full cycles of the resulting divided reference frequency. The completion of
the switch is shown by the IREFST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com