전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08SH4MPJR 데이터시트(PDF) 184 Page - Freescale Semiconductor, Inc

부품명 MC9S08SH4MPJR
상세설명  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR 데이터시트(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 180Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 181Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 182Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 183Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 184Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 341 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
180
Freescale Semiconductor
11.7 Initialization/Application Information
Figure 11-11. IIC Module Quick Start
Module Initialization (Slave)
1.
Write: IICC2
—
to enable or disable general call
—
to select 10-bit or 7-bit addressing mode
2.
Write: IICA
—
to set the slave address
3.
Write: IICC1
—
to enable IIC and interrupts
4.
Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data
5.
Initialize RAM variables used to achieve the routine shown in Figure 11-12
Module Initialization (Master)
1.
Write: IICF
—
to set the IIC baud rate (example provided in this chapter)
2.
Write: IICC1
—
to enable IIC and interrupts
3.
Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data
4.
Initialize RAM variables used to achieve the routine shown in Figure 11-12
5.
Write: IICC1
—
to enable TX
6.
Write: IICC1
—
to enable MST (master mode)
7.
Write: IICD
—
with the address of the target slave. (The lsb of this byte determines whether the communication is
master receive or transmit.)
Module Use
The routine shown in Figure 11-12 can handle both master and slave IIC operations. For slave operation, an
incoming IIC message that contains the proper address begins IIC communication. For master operation,
communication must be initiated by writing to the IICD register.
0
IICF
IICA
Baud rate = BUSCLK / (2 x MULT x (SCL DIVIDER))
TX
TXAK
RSTA
0
0
IICC1
IICEN
IICIE
MST
Module configuration
ARBL
0
SRW
IICIF
RXAK
IICS
TCF
IAAS
BUSY
Module status flags
Register Model
AD[7:1]
When addressed as a slave (in slave mode), the module responds to this address
MULT
ICR
IICD
DATA
Data register; Write to transmit IIC data read to read IIC data
0
AD10
AD9
AD8
IICC2 GCAEN
ADEXT
Address configuration
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com