| 전자부품 데이터시트 검색엔진 |
|
MC9S08SH4MPJR 데이터시트(PDF) 194 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR 데이터시트(HTML) 194 Page - Freescale Semiconductor, Inc |
|
194 / 341 page ![]() Chapter 12 Modulo Timer (S08MTIMV1) MC9S08SH8 MCU Series Data Sheet, Rev. 3 190 Freescale Semiconductor 12.3.3 MTIM Counter Register (MTIMCNT) MTIM CNT is the read-only value of the current MTIM count of the 8-bit counter. 12.3.4 MTIM Modulo Register (MTIMMOD) 7 654 3 210 R COUNT W Reset: 0 0 0 0 0 0 0 0 Figure 12-6. MTIM Counter Register Table 12-4. MTIM Counter Register Field Description Field Description 7:0 COUNT MTIM Count — These eight read-only bits contain the current value of the 8-bit counter. Writes have no effect to this register. Reset clears the count to $00. 7 654 3 210 R MOD W Reset: 0 0 0 0 0 0 0 0 Figure 12-7. MTIM Modulo Register Table 12-5. MTIM Modulo Register Field Descriptions Field Description 7:0 MOD MTIM Modulo — These eight read/write bits contain the modulo value used to reset the count and set TOF. A value of $00 puts the MTIM in free-running mode. Writing to MTIMMOD resets the COUNT to $00 and clears TOF. Reset sets the modulo to $00. |