| 전자부품 데이터시트 검색엔진 |
|
PIC18F1220E/PQTP 데이터시트(PDF) 166 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1220E/PQTP 데이터시트(HTML) 166 Page - Microchip Technology |
|
166 / 308 page ![]() PIC18F1220/1320 DS39605F-page 164 © 2007 Microchip Technology Inc. 17.8 Use of the CCP1 Trigger An A/D conversion can be started by the “special event trigger” of the CCP1 module. This requires that the CCP1M3:CCP1M0 bits (CCP1CON<3:0>) be pro- grammed as ‘1011’ and that the A/D module is enabled (ADON bit is set). When the trigger occurs, the GO/DONE bit will be set, starting the A/D acquisition and conversion and the Timer1 (or Timer3) counter will be reset to zero. Timer1 (or Timer3) is reset to auto- matically repeat the A/D acquisition period with minimal software overhead (moving ADRESH/ADRESL to the desired location). The appropriate analog input channel must be selected and the minimum acquisition period is either timed by the user, or an appropriate TACQ time selected before the “special event trigger” sets the GO/DONE bit (starts a conversion). If the A/D module is not enabled (ADON is cleared), the “special event trigger” will be ignored by the A/D module, but will still reset the Timer1 (or Timer3) counter. TABLE 17-2: SUMMARY OF A/D REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/ GIEH PEIE/ GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 0000 0000 0000 PIR1 —ADIF RCIF TXIF — CCP1IF TMR2IF TMR1IF -000 -000 -000 -000 PIE1 —ADIE RCIE TXIE — CCP1IE TMR2IE TMR1IE -000 -000 -000 -000 IPR1 —ADIP RCIP TXIP — CCP1IP TMR2IP TMR1IP -111 -111 -111 -111 PIR2 OSCFIF — — EEIF — LVDIF TMR3IF — 0--0 -00- 0--0 -00- PIE2 OSCFIE — — EEIE — LVDIE TMR3IE — 0--0 -00- 0--0 -00- IPR2 OSCFIP — — EEIP — LVDIP TMR3IP — 1--1 -11- 1--1 -11- ADRESH A/D Result Register High Byte xxxx xxxx uuuu uuuu ADRESL A/D Result Register Low Byte xxxx xxxx uuuu uuuu ADCON0 VCFG1 VCFG0 — CHS2 CHS1 CHS0 GO/DONE ADON 00-0 0000 00-0 0000 ADCON1 — PCFG6 PCFG5 PCFG4 PCFG3 PCFG2 PCFG1 PCFG0 -000 0000 -000 0000 ADCON2 ADFM — ACQT2 ACQT1 ACQT0 ADCS2 ADCS1 ADCS0 0-00 0000 0-00 0000 PORTA RA7(3) RA6(2) RA5(1) RA4 RA3 RA2 RA1 RA0 qq0x 0000 uu0u 0000 TRISA TRISA7(3) TRISA6(2) — PORTA Data Direction Register qq-1 1111 11-1 1111 PORTB Read PORTB pins, Write LATB Latch xxxx xxxx uuuu uuuu TRISB PORTB Data Direction Register 1111 1111 1111 1111 LATB PORTB Output Data Latch xxxx xxxx uuuu uuuu Legend: x = unknown, u = unchanged, q = depends on CONFIG1H<3:0>, – = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion. Note 1: RA5 port bit is available only as an input pin when the MCLRE bit in the configuration register is ‘0’. 2: RA6 and TRISA6 are available only when the primary oscillator mode selection offers RA6 as a port pin; otherwise, RA6 always reads ‘0’, TRISA6 always reads ‘1’ and writes to both are ignored (see CONFIG1H<3:0>). 3: RA7 and TRISA7 are available only when the internal RC oscillator is configured as the primary oscillator in CONFIG1H<3:0>; otherwise, RA7 always reads ‘0’, TRISA7 always reads ‘1’ and writes to both are ignored. |