전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2610E/SPQTP 데이터시트(PDF) 106 Page - Microchip Technology

부품명 PIC18F2610E/SPQTP
상세설명  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610E/SPQTP 데이터시트(HTML) 106 Page - Microchip Technology

Back Button PIC18F2610E/SPQTP Datasheet HTML 102Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 103Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 104Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 105Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 106Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 107Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 108Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 109Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 108
© 2009 Microchip Technology Inc.
TABLE 9-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
54
LATD
PORTD Data Latch Register (Read and Write to Data Latch)
54
TRISD
PORTD Data Direction Control Register
54
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
54
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
53
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More