| 전자부품 데이터시트 검색엔진 |
|
PIC18F2610I/SOSQTP 데이터시트(PDF) 111 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610I/SOSQTP 데이터시트(HTML) 111 Page - Microchip Technology |
|
111 / 376 page ![]() © 2009 Microchip Technology Inc. DS39636D-page 113 PIC18F2X1X/4X1X FIGURE 9-3: PARALLEL SLAVE PORT WRITE WAVEFORMS FIGURE 9-4: PARALLEL SLAVE PORT READ WAVEFORMS TABLE 9-11: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page PORTD RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 54 LATD PORTD Data Latch Register (Read and Write to Data Latch) 54 TRISD PORTD Data Direction Control Register 54 PORTE — — — — RE3 RE2 RE1 RE0 54 LATE — — — — — LATE Data Output bits 54 TRISE IBF OBF IBOV PSPMODE — TRISE2 TRISE1 TRISE0 54 INTCON GIE/GIEH PEIE/GIEL TMR0IF INT0IE RBIE TMR0IF INT0IF RBIF 51 PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 54 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 54 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 54 ADCON1 — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 53 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Parallel Slave Port. Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’. Q1 Q2 Q3 Q4 CS Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 WR RD IBF OBF PSPIF PORTD<7:0> Q1 Q2 Q3 Q4 CS Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 WR IBF PSPIF RD OBF PORTD<7:0> |