| 전자부품 데이터시트 검색엔진 |
|
PIC18F2610E/SOSQTP 데이터시트(PDF) 371 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610E/SOSQTP 데이터시트(HTML) 371 Page - Microchip Technology |
|
371 / 376 page ![]() © 2009 Microchip Technology Inc. DS39636D-page 373 PIC18F2X1X/4X1X Transition for Entry to Idle Mode ................................ 40 Transition for Entry to SEC_RUN Mode .................... 37 Transition for Entry to Sleep Mode ............................ 39 Transition for Two-Speed Start-up (INTOSC to HSPLL) 250 Transition for Wake from Idle to Run Mode ............... 40 Transition for Wake from Sleep (HSPLL) ................... 39 Transition from RC_RUN Mode to PRI_RUN Mode .. 38 Transition from SEC_RUN Mode to PRI_RUN Mode (HSPLL) ............................................................. 37 Transition to RC_RUN Mode ..................................... 38 USART Synchronous Receive (Master/Slave) ........ 348 USART Synchronous Transmission (Master/Slave) 348 Timing Diagrams and Specifications ................................ 333 A/D Conversion Requirements ................................ 350 Capture/Compare/PWM (CCP) Requirements ........ 338 CLKO and I/O Requirements ................................... 335 Example SPI Mode Requirements (Master Mode, CKE = 0) .......................................................... 340 Example SPI Mode Requirements (Master Mode, CKE = 1) .......................................................... 341 Example SPI Mode Requirements (Slave Mode, CKE = 0) .......................................................... 342 Example SPI Mode Requirements (Slave Mode, CKE = 1) .......................................................... 343 External Clock Requirements .................................. 333 I2C Bus Data Requirements (Slave Mode) .............. 345 Master SSP I2C Bus Data Requirements ................ 347 Master SSP I2C Bus Start/Stop Bits Requirements . 346 Parallel Slave Port Requirements (PIC18F4410/4510/ 4515/4610) ....................................................... 339 PLL Clock ................................................................. 334 Reset, Watchdog Timer, Oscillator Start-up Timer, Pow- er-up Timer and Brown-out Reset Requirements .. 336 Timer0 and Timer1 External Clock Requirements ... 337 USART Synchronous Receive Requirements ......... 348 USART Synchronous Transmission Requirements . 348 Top-of-Stack Access .......................................................... 56 TRISE Register PSPMODE Bit .......................................................... 106 TSTFSZ ........................................................................... 299 Two-Speed Start-up ................................................. 239, 250 Two-Word Instructions Example Cases .......................................................... 60 TXSTA Register BRGH Bit ................................................................. 197 V Voltage Reference Specifications .................................... 329 W Watchdog Timer (WDT) ........................................... 239, 248 Associated Registers ............................................... 249 Control Register ....................................................... 248 During Oscillator Failure .......................................... 251 Programming Considerations .................................. 248 WCOL ...................................................... 181, 182, 183, 186 WCOL Status Flag ................................... 181, 182, 183, 186 WWW Address ................................................................. 375 WWW, On-Line Support ...................................................... 8 X XORLW ............................................................................ 299 XORWF ............................................................................ 300 |