전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCIF0 데이터시트(PDF) 181 Page - ATMEL Corporation

부품명 PCIF0
상세설명  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 데이터시트(HTML) 181 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 177Page - ATMEL Corporation PCIF0 Datasheet HTML 178Page - ATMEL Corporation PCIF0 Datasheet HTML 179Page - ATMEL Corporation PCIF0 Datasheet HTML 180Page - ATMEL Corporation PCIF0 Datasheet HTML 181Page - ATMEL Corporation PCIF0 Datasheet HTML 182Page - ATMEL Corporation PCIF0 Datasheet HTML 183Page - ATMEL Corporation PCIF0 Datasheet HTML 184Page - ATMEL Corporation PCIF0 Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 294 page
background image
181
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Frame identifiers 60 (0x3C) to 61 (0x3D) shall always use classic checksum.
15.5.13
Interrupts
As shown in Figure 15-13 on page 181, the four communication flags of the LINSIR register
are combined to drive two interrupts. Each of these flags have their respective enable interrupt
bit in LINENIR register.
(see Section 15.5.8 “xxOK Flags” on page 178 and Section 15.5.9 “xxERR Flags” on page
179).
Figure 15-13. LIN Interrupt Mapping
15.5.14
Message Filtering
Message filtering based upon the whole identifier is not implemented. Only a status for frame
headers having 0x3C, 0x3D, 0x3E and 0x3F as identifier is available in the LINSIR register.
CHECKSUM
255
unsigned char
DATA
n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
unsigned char
DATA
n
0
n
∑
⎝⎠
⎜⎟
⎜⎟
⎛⎞
8
»
⎝⎠
⎜⎟
⎜⎟
⎛⎞
+
⎝⎠
⎜⎟
⎜⎟
⎛⎞
–
=
LIDOK
LINSIR.2
LTXOK
LINSIR.1
LRXOK
LINSIR.0
LABORT
LINERR.7
LTOERR
LINERR.6
LOVERR
LINERR.5
LERR
LINSIR.3
LIN TC
LENERR
LFERR
LINERR.4
LSERR
LINERR.3
LPERR
LINERR.2
LCERR
LINERR.1
LBERR
LINERR.0
LIN ERR
LENIDOK
LINENIR.2
LENTXOK
LINENIR.1
LENRXOK
LINENIR.0
LINENIR.3
Table 15-4.
Frame Status
LIDST[2..0]
Frame Status
0xx
b
No specific identifier
100
b
60 (0x3C) identifier
101 b
61 (0x3D) identifier
110
b
62 (0x3E) identifier
111
b
63 (0x3F) identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com