| 전자부품 데이터시트 검색엔진 |
|
ADF02 데이터시트(PDF) 144 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF02 데이터시트(HTML) 144 Page - Tyco Electronics |
|
144 / 326 page ![]() APBE Series D20 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Pushbutton Switches, Process Sealed, .157 Actuator, Retention Terminal, Right Angle SEE PAGE D19 FOR PRODUCT SPECIFICATIONS. SPDT APBE1FGRA P. C. HOLE LAYOUT SINGLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. .315 (8.00) .157 (4.00) .157 (4.00) .197 (5.00) .657 (16.69) .047 (1.19) STROKE .200 (5.08) Bushing .157 (4.00) DIA. .374 (9.50) .028 (0.71) TYP. .071 (1.80) TYP. .016 (0.40) TYP. .200 (5.08) .012 (0.30) TYP. .130 (3.30) .024 (0.61) TYP. 1 2 3 .100 (2.54) TYP. .220 (5.58) EPOXY SEAL .028 (0.71) .098 (2.48) Dia. DPDT Extra compact double pole saves PCB real estate. APBE2RGRA P. C. HOLE LAYOUT DOUBLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. .315 (8.00) .157 (4.00) .157 (4.00) .744 (18.90) .047 (1.19) STROKE .200 (5.08) .157 (3.98) DIA. .098 (2.48) DIA. .374 (9.50) .028 (0.71) TYP. .071 (1.80) TYP. .016 (0.40) .200 (5.08) .012 (0.30) TYP. .130 (3.30) .024 (0.61) TYP. 1 2 3 .100 (2.54) TYP .220 (5.58) EPOXY SEAL .028 (0.71) .100 (2.54) .197 (5.00) Part Number Tyco Alcoswitch Type Contact Type Electronics 2-1437567-1 APBE2RGRA DPDT On (On) Gold Terminals Connected: 2-3 & 5-6 (2-1 & 5-4) (On) indicates momentary position. Part Number Tyco Alcoswitch Type Contact Type Electronics 1-1437567-9 APBE1FGRA SPDT On (On) Gold Terminals Connected: 2-3 (2-1) (On) indicates momentary position. |