| 전자부품 데이터시트 검색엔진 |
|
48GA004 데이터시트(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
48GA004 데이터시트(HTML) 129 Page - Microchip Technology |
|
129 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 129 PIC24FJ64GA004 FAMILY FIGURE 12-2: TIMER2 AND TIMER4 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM FIGURE 12-3: TIMER3 AND TIMER5 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM TON TCKPS1:TCKPS0 Prescaler 1, 8, 64, 256 2 TCY TCS(1) 1x 01 TGATE(1) 00 Gate T2CK Sync PR2 (PR4) Set T2IF (T4IF) Equal Comparator TMR2 (TMR4) Reset Q QD CK TGATE 1 0 (T4CK) Sync Note 1: This peripheral’s inputs must be assigned to an available RPn pin before use. Please see Section 10.4 “Peripheral Pin Select” for more information. TON TCKPS1:TCKPS0 2 TCY TCS(1) 1x 01 TGATE(1) 00 T3CK PR3 (PR5) Set T3IF (T5IF) Equal Comparator TMR3 (TMR5) Reset Q Q D CK TGATE 1 0 ADC Event Trigger(2) (T5CK) Prescaler 1, 8, 64, 256 Sync Note 1: This peripheral’s inputs must be assigned to an available RPn pin before use. Please see Section 10.4 “Peripheral Pin Select” for more information. 2: The ADC event trigger is available only on Timer3. |