| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS101TI/SP 데이터시트(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TI/SP 데이터시트(HTML) 107 Page - Microchip Technology |
|
107 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 105 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 bit 2 OC1IF: Output Compare Channel 1 Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 1 IC1IF: Input Capture Channel 1 Interrupt Flag Status bit(1) 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 0 INT0IF: External Interrupt 0 Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred REGISTER 7-5: IFS0: INTERRUPT FLAG STATUS REGISTER 0 (CONTINUED) Note 1: This bit is not implemented in dsPIC33FJ06GS101/102 devices. 2: These bits are not implemented in dsPIC33FJ06GS202 devices. |