전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TI/SP 데이터시트(PDF) 195 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TI/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/SP 데이터시트(HTML) 195 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/SP Datasheet HTML 191Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 192Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 193Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 194Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 195Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 196Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 197Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 198Page - Microchip Technology DSPIC33FJ06GS201TI/SP Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 193
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
14.0
OUTPUT COMPARE
The output compare module can select either Timer2 or
Timer3 for its time base. The module compares the
value of the timer with the value of one or two Compare
registers depending on the operating mode selected.
The state of the output pin changes when the timer
value matches the Compare register value. The output
compare module generates either a single output
pulse, or a sequence of output pulses, by changing the
state of the output pin on the compare match events.
The output compare module can also generate
interrupts on compare match events.
The output compare module has multiple operating
modes:
• Active-Low One-Shot mode
• Active-High One-Shot mode
• Toggle mode
• Delayed One-Shot mode
• Continuous Pulse mode
• PWM mode without Fault Protection
• PWM mode with Fault Protection
FIGURE 14-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference Manual”
, Section 13. “Output
Compare”
(DS70209), which is available
on
the
Microchip
web
site
(www.microchip.com).
OCxR
Comparator
Output
Logic
OCM<2:0>
Output Enable
OCx
Set Flag bit
OCxIF
OCxRS
Mode Select
3
0
1
OCTSEL
0
1
16
16
OCFA
TMR2
TMR2
Q
S
R
TMR3
TMR3
Rollover Rollover
Note:
An ‘x’ in a signal, register or bit name denotes the number of the output compare channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More