전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TE/SP 데이터시트(PDF) 319 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TE/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP 데이터시트(HTML) 319 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 315Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 318Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 319Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 320Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 321Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 322Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 317
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
25.0
PACKAGING INFORMATION
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
If the full Microchip part number cannot be marked on one line, it is carried over to the next
line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ06GS
0830235
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ06GS
0830235
202-E/SP
202-E/SO
3
e
3
e
18-Lead SOIC (.300”)
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ06
0830235
GS101-I/SO
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More