전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TE/SP 데이터시트(PDF) 331 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TE/SP
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP 데이터시트(HTML) 331 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 327Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 328Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 329Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 330Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 331Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 332Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 329
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
APPENDIX A:
REVISION HISTORY
Revision A (January 2008)
This is the initial revision of this document.
Revision B (June 2008)
This revision includes minor typographical and
formatting changes throughout the data sheet text. In
addition, redundant information was removed that is
now available in the respective chapters of the
dsPIC33F Family Reference Manual
, which can be
obtained
from
the
Microchip
website
(www.microchip.com).
The major changes are referenced by their respective
section in the following table.
TABLE A-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-Bit Digital
Signal Controllers”
Moved location of Note 1 (RP# pin) references (see “Pin Diagrams”).
Section 3.0 “Memory Organization”
Updated CPU Core Register map SFR reset value for CORCON (see
Table 3-1).
Removed Interrupt Controller Register Map SFR IPC29 and updated reset
values for IPC0, IPC1, IPC14, IPC16, IPC23, IPC24, IPC27, and IPC28 (see
Table 3-5).
Removed Interrupt Controller Register Map SFR IPC24 and IPC29 and
updated reset values for IPC0, IPC1, IPC2, IPC14, IPC16, IPC23, IPC27,
and IPC28 (see Table 3-6).
Removed Interrupt Controller Register Map SFR IPC24 and updated reset
values for IPC1, IPC2, IPC4, IPC14, IPC16, IPC23, IPC24, IPC27, and
IPC28 (see Table 3-7).
Updated Interrupt Controller Register Map SFR reset values for IPC1,
IPC14, IPC16, IPC23, IPC24, IPC27, and IPC28 (see Table 3-8).
Updated Interrupt Controller Register Map SFR reset values for IPC1,
IPC14, IPC16, IPC23, IPC24, IPC25, IPC26, IPC27, IPC28, and IPC29 (see
Table 3-9).
Updated Interrupt Controller Register Map SFR reset values for IPC1, IPC4,
IPC14, IPC16, IPC23, IPC24, IPC25, IPC26, IPC27, IPC28, and IPC29 (see
Table 3-10).
Added SFR definitions for RPOR16 and RPOR17 (see Table 3-34,
Table 3-35, and Table 3-36).
Updated bit definitions for PORTA, PORTB, and PORTC SFRs (ODCA,
ODCB, and ODCC) (see Table 3-37, Table 3-38, Table 3-39, and
Table 3-40).
Updated bit definitions and reset value for System Control Register map
SFR CLKDIV (see Table 3-41).
Added device-specific information to title of PMD Register Map (see
Table 3-47).
Added device-specific PMD Register Maps (see Table 3-46, Table 3-45, and
Table 3-43).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More