| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS101TI/ML 데이터시트(PDF) 243 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TI/ML 데이터시트(HTML) 243 Page - Microchip Technology |
|
243 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 241 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 FIGURE 19-3: ADC BLOCK DIAGRAM FOR dsPIC33FJ06GS202 DEVICES WITH ONE SAR AN12(1) AN13(2) Even Numbered Inputs with Dedicated Shared Sample and Hold SAR Core Eight Registers 16-Bit Sample and Hold (S&H) Circuits AN0 AN2 AN1 AN4 AN5 AN3 (INTREF) (EXTREF) Note 1: AN12 (EXTREF) is an internal analog input. To measure the voltage at AN12 (EXTREF), an analog comparator must be enabled and EXTREF must be selected as the comparator reference. 2: AN13 (INTREF) is an internal analog input and is not available on a pin. |