전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS101TI/ML 데이터시트(PDF) 277 Page - Microchip Technology

부품명 DSPIC33FJ06GS101TI/ML
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/ML 데이터시트(HTML) 277 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 275Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 276Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 277Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 278Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 279Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 280Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 275
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
10
BTSC
BTSC
f,#bit4
Bit Test f, Skip if Clear
1
1
(2 or 3)
None
BTSC
Ws,#bit4
Bit Test Ws, Skip if Clear
1
1
(2 or 3)
None
11
BTSS
BTSS
f,#bit4
Bit Test f, Skip if Set
1
1
(2 or 3)
None
BTSS
Ws,#bit4
Bit Test Ws, Skip if Set
1
1
(2 or 3)
None
12
BTST
BTST
f,#bit4
Bit Test f
1
1
Z
BTST.C
Ws,#bit4
Bit Test Ws to C
1
1
C
BTST.Z
Ws,#bit4
Bit Test Ws to Z
1
1
Z
BTST.C
Ws,Wb
Bit Test Ws<Wb> to C
1
1
C
BTST.Z
Ws,Wb
Bit Test Ws<Wb> to Z
1
1
Z
13
BTSTS
BTSTS
f,#bit4
Bit Test then Set f
1
1
Z
BTSTS.C
Ws,#bit4
Bit Test Ws to C, then Set
1
1
C
BTSTS.Z
Ws,#bit4
Bit Test Ws to Z, then Set
1
1
Z
14
CALL
CALL
lit23
Call Subroutine
2
2
None
CALL
Wn
Call Indirect Subroutine
1
2
None
15
CLR
CLR
f
f = 0x0000
1
1
None
CLR
WREG
WREG = 0x0000
1
1
None
CLR
Ws
Ws = 0x0000
1
1
None
CLR
Acc,Wx,Wxd,Wy,Wyd,AWB
Clear Accumulator
1
1
OA,OB,SA,SB
16
CLRWDT
CLRWDT
Clear Watchdog Timer
1
1
WDTO,Sleep
17
COM
COM
f
f = f
11
N,Z
COM
f,WREG
WREG = f
11
N,Z
COM
Ws,Wd
Wd = Ws
11
N,Z
18
CP
CP
f
Compare f with WREG
1
1
C,DC,N,OV,Z
CP
Wb,#lit5
Compare Wb with lit5
1
1
C,DC,N,OV,Z
CP
Wb,Ws
Compare Wb with Ws (Wb – Ws)
1
1
C,DC,N,OV,Z
19
CP0
CP0
f
Compare f with 0x0000
1
1
C,DC,N,OV,Z
CP0
Ws
Compare Ws with 0x0000
1
1
C,DC,N,OV,Z
20
CPB
CPB
f
Compare f with WREG, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,#lit5
Compare Wb with lit5, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,Ws
Compare Wb with Ws, with Borrow
(Wb – Ws – C)
1
1
C,DC,N,OV,Z
21
CPSEQ
CPSEQ
Wb, Wn
Compare Wb with Wn, Skip if =
1
1
(2 or 3)
None
22
CPSGT
CPSGT
Wb, Wn
Compare Wb with Wn, Skip if >
1
1
(2 or 3)
None
23
CPSLT
CPSLT
Wb, Wn
Compare Wb with Wn, Skip if <
1
1
(2 or 3)
None
24
CPSNE
CPSNE
Wb, Wn
Compare Wb with Wn, Skip if
≠
11
(2 or 3)
None
25
DAW
DAW
Wn
Wn = Decimal Adjust Wn
1
1
C
26
DEC
DEC
f
f = f – 1
1
1
C,DC,N,OV,Z
DEC
f,WREG
WREG = f – 1
1
1
C,DC,N,OV,Z
DEC
Ws,Wd
Wd = Ws – 1
1
1
C,DC,N,OV,Z
27
DEC2
DEC2
f
f = f – 2
1
1
C,DC,N,OV,Z
DEC2
f,WREG
WREG = f – 2
1
1
C,DC,N,OV,Z
DEC2
Ws,Wd
Wd = Ws – 2
1
1
C,DC,N,OV,Z
28
DISI
DISI
#lit14
Disable Interrupts for k Instruction Cycles
1
1
None
TABLE 22-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Base
Instr
#
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More