전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ06GS201TI/MM 데이터시트(PDF) 243 Page - Microchip Technology

부품명 DSPIC33FJ06GS201TI/MM
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM 데이터시트(HTML) 243 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 239Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 240Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 241Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 242Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 243Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 244Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 245Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 246Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 241
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 19-3:
ADC BLOCK DIAGRAM FOR dsPIC33FJ06GS202 DEVICES WITH ONE SAR
AN12(1)
AN13(2)
Even Numbered Inputs with Dedicated
Shared Sample and Hold
SAR
Core
Eight
Registers
16-Bit
Sample and Hold (S&H) Circuits
AN0
AN2
AN1
AN4
AN5
AN3
(INTREF)
(EXTREF)
Note
1:
AN12 (EXTREF) is an internal analog input. To measure the voltage at AN12 (EXTREF), an analog comparator must be enabled
and EXTREF must be selected as the comparator reference.
2:
AN13 (INTREF) is an internal analog input and is not available on a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More