| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS101TE/MM 데이터시트(PDF) 222 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/MM 데이터시트(HTML) 222 Page - Microchip Technology |
|
222 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 220 Preliminary © 2009 Microchip Technology Inc. bit 4-2 SPRE<2:0>: Secondary Prescale bits (Master mode)(2) 111 = Secondary prescale 1:1 110 = Secondary prescale 2:1 . . . 000 = Secondary prescale 8:1 bit 1-0 PPRE<1:0>: Primary Prescale bits (Master mode)(2) 11 = Primary prescale 1:1 10 = Primary prescale 4:1 01 = Primary prescale 16:1 00 = Primary prescale 64:1 REGISTER 16-2: SPIXCON1: SPIx CONTROL REGISTER 1 (CONTINUED) Note 1: The CKE bit is not used in the Framed SPI modes. Program this bit to ‘0’ for the Framed SPI modes (FRMEN = 1). 2: Do not set both primary and secondary prescalers to a value of 1:1. 3: This bit must be cleared when FRMEN = 1. |