| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS101TE/MM 데이터시트(PDF) 246 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/MM 데이터시트(HTML) 246 Page - Microchip Technology |
|
246 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 244 Preliminary © 2009 Microchip Technology Inc. FIGURE 19-6: ADC BLOCK DIAGRAM FOR dsPIC33FJ16GS504 DEVICES WITH TWO SARS AN12(1) AN13(2) Even Numbered Inputs with Dedicated Odd Numbered Inputs with Shared S&H Even Numbered Inputs with Shared S&H SAR Core Seven Registers 16-Bit SAR Core Sample and Hold (S&H) Circuits AN0 AN2 AN6 AN1 AN3 AN8 AN10 Seven Registers 16-Bit AN4 AN5 AN7 AN9 AN11 (INTREF) (EXTREF) Note 1: AN12 (EXTREF) is an internal analog input. To measure the voltage at AN12 (EXTREF), an analog comparator must be enabled and EXTREF must be selected as the comparator reference. 2: AN13 (INTREF) is an internal analog input and is not available on a pin. |