전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F0010AT-20E/S 데이터시트(PDF) 212 Page - Microchip Technology

부품명 DSPIC30F0010AT-20E/S
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/S 데이터시트(HTML) 212 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/S Datasheet HTML 208Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 209Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 210Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 211Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 212Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 213Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 214Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 215Page - Microchip Technology DSPIC30F0010AT-20E/S Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 210
© 2007 Microchip Technology Inc.
TABLE 24-40: 10-BIT HIGH-SPEED A/D MODULE SPECIFICATIONS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 2.7V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD – 0.3
or 2.7
Lesser of
VDD + 0.3
or 5.5
V—
AD02
AVSS
Module VSS Supply
Vss - 0.3
VSS + 0.3
V
—
Reference Inputs
AD05
VREFH
Reference Voltage High
AVss +
2.7
AVDD
V—
AD06
VREFL
Reference Voltage Low
AVss
AVDD – 2.7
V
—
AD07
VREF
Absolute Reference Voltage
AVss – 0.3
AVDD + 0.3
V
—
AD08
IREF
Current Drain
—
200
.001
300
3
μA
μA
A/D operating
A/D off
Analog Input
AD10
VINH-VINL Full-Scale Input Span
VREFL
VREFH
V—
AD12
—
Leakage Current
—
±0.001
±0.244
μAVINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
Source Impedance = 5 k
Ω
AD13
—
Leakage Current
—
±0.001
±0.244
μAVINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
Source Impedance = 5 k
Ω
AD17
RIN
Recommended Impedance
of Analog Voltage Source
——
—
Ω
See Table 20-2
DC Accuracy
AD20
Nr
Resolution
10 data bits
bits
—
AD21
INL
Integral Nonlinearity(2)
—±1
±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD21A INL
Integral Nonlinearity(2)
—±1
±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD22
DNL
Differential Nonlinearity(2)
—±1
±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD22A DNL
Differential Nonlinearity(2)
—±1
±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD23
GERR
Gain Error(2)
+1±5
±6
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD23A GERR
Gain Error(2)
+1±5
±6
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Measurements taken with external VREF+ and VREF- used as the ADC voltage references.
3:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com