전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR15H60CT 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 MBR15H60CT
상세설명  Mechanical Data
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR15H60CT 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR15H60CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR15H60CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR15H60CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR15HxxCT, MBRF15HxxCT & MBRB15HxxCT Series
2
Maximum Ratings (TC = 25 °C unless otherwise noted)
Parameter
Symbol MBR15H35CT MBR15H45CT MBR15H50CT MBR15H60CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Max. average forward rectified current
Total device
15
(see figure 1)
Per leg
IF(AV)
7.5
A
Peak repetitive forward current at TC = 155 °C per leg
(rated VR, 20 KHz sq. wave)
IFRM
15
A
Non-repetitive avalanche energy per leg
at 25
°C, IAS = 4A, L = 10 mH
EAS
80
mJ
Peak forward surge current 8.3 ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current per leg
at tp = 2.0
µs, 1 KHZ
IRRM
1.0
0.5
A
Peak non-repetitive reverse energy (8/20
µs waveform)
ERSM
20
10
mJ
Electrostatic discharge capacitor voltage
VC
25
kV
Human body model: C = 100 F, R = 1.5 k
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +175
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500(1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR15H35CT, MBR15H45CT MBR15H50CT, MBR15H60CT
Unit
Typ
Max
Typ
Max
Maximum instantaneous
at IF = 7.5 A
TJ = 25 °C
0.63
0.73
forward voltage per leg(4)
at IF = 7.5 A
TJ = 125 °C
VF
0.50
0.55
0.58
0.61
V
at IF = 15 A
TJ = 25 °C
0.75
0.87
at IF = 15 A
TJ =125 °C
0.61
0.66
0.68
0.72
Maximum instantaneous reverse current
TJ = 25 °C
50
50
µA
at rated DC blocking voltage per leg(4)
TJ =125 °C
IR
3.0
10
2.0
10
mA
Thermal Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Maximum thermal resistance per leg
R
θJC
3.0
5.0
3.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(2) Clip mounting (on case), where leads do overlap heatsink
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR15H35CT – MBR15H60CT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
MBRF15H35CT – MBRF15H60CT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB15H35CT – MBRB15H60CT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton
www.kersemi.com


유사한 부품 번호 - MBR15H60CT

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MBR15H60CT VISHAY-MBR15H60CT Datasheet
96Kb / 3P
Dual Schottky Barrier Rectifiers
14-Mar-03
MBR15H60CT VISHAY-MBR15H60CT Datasheet
161Kb / 5P
Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
MBR15H60CT VISHAY-MBR15H60CT Datasheet
148Kb / 6P
Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

유사한 설명 - MBR15H60CT

제조업체부품명데이터시트상세설명
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
MECHANICAL DATA
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
MECHANICAL DATA
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
MECHANICAL DATA
logo
Seme LAB
1N3893 SEME-LAB-1N3893 Datasheet
17Kb / 1P
MECHANICAL DATA
logo
AZ Displays
AGM3224F AZDISPLAYS-AGM3224F_1 Datasheet
796Kb / 12P
MECHANICAL DATA
AGM3224F AZDISPLAYS-AGM3224F Datasheet
835Kb / 13P
MECHANICAL DATA
ACM0801A AZDISPLAYS-ACM0801A Datasheet
336Kb / 12P
MECHANICAL DATA
logo
New Jersey Semi-Conduct...
BFQ54 NJSEMI-BFQ54 Datasheet
123Kb / 2P
MECHANICAL DATA
BUX51 NJSEMI-BUX51 Datasheet
76Kb / 2P
MECHANICAL DATA
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com