전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8548ECPXATJA 데이터시트(PDF) 126 Page - Freescale Semiconductor, Inc

부품명 MPC8548ECPXATJA
상세설명  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATJA 데이터시트(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATJA Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8548ECPXATJA Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
126
Freescale Semiconductor
Package Description
IIC1_SDA
AG21
I/O
OVDD
4, 27
IIC2_SCL
AG15
I/O
OVDD
4, 27
IIC2_SDA
AG14
I/O
OVDD
4, 27
SerDes
SD_RX[0:7]
M28, N26, P28, R26, W26, Y28, AA26, AB28
I
XVDD
—
SD_RX[0:7]
M27, N25, P27, R25, W25, Y27, AA25, AB27
I
XVDD
—
SD_TX[0:7]
M22, N20, P22, R20, U20, V22, W20, Y22
O
XVDD
—
SD_TX[0:7]
M23, N21, P23, R21, U21, V23, W21, Y23
O
XVDD
—
SD_PLL_TPD
U28
O
XVDD
24
SD_REF_CLK
T28
I
XVDD
—
SD_REF_CLK
T27
I
XVDD
—
Reserved
AC1, AC3
—
—
2
Reserved
M26, V28
—
—
32
Reserved
M25, V27
—
—
34
Reserved
M20, M21, T22, T23
—
—
38
General-Purpose Output
GPOUT[24:31]
K26, K25, H27, G28, H25, J26, K24, K23
O
BVDD
—
System Control
HRESET
AG17
I
OVDD
—
HRESET_REQ
AG16
O
OVDD
29
SRESET
AG20
I
OVDD
—
CKSTP_IN
AA9
I
OVDD
—
CKSTP_OUT
AA8
O
OVDD
2, 4
Debug
TRIG_IN
AB2
I
OVDD
—
TRIG_OUT/READY/QUIESCE
AB1
O
OVDD
6, 9, 19,
29
MSRCID[0:1]
AE4, AG2
O
OVDD
5, 6, 9
MSRCID[2:4]
AF3, AF1, AF2
O
OVDD
6, 19, 29
MDVAL
AE5
O
OVDD
6
CLK_OUT
AE21
O
OVDD
11
Clock
RTC
AF16
I
OVDD
—
SYSCLK
AH17
I
OVDD
—
Table 74. MPC8543E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More