전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2525ESOSQTP 데이터시트(PDF) 385 Page - Microchip Technology

부품명 PIC18F2525ESOSQTP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ESOSQTP 데이터시트(HTML) 385 Page - Microchip Technology

Back Button PIC18F2525ESOSQTP Datasheet HTML 381Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 382Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 383Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 384Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 385Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 386Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 387Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 388Page - Microchip Technology PIC18F2525ESOSQTP Datasheet HTML 389Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 383
PIC18F2525/2620/4525/4620
28.0
PACKAGING INFORMATION
28.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for customer-specific information.
3
e
3
e
28-Lead SPDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2620-I/SP
0810017
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2620-E/SO
0810017
40-Lead PDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F4620-I/P
0810017
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More