| 전자부품 데이터시트 검색엔진 |
|
PIC18F2525EMLSQTP 데이터시트(PDF) 385 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525EMLSQTP 데이터시트(HTML) 385 Page - Microchip Technology |
|
385 / 412 page ![]() © 2008 Microchip Technology Inc. DS39626E-page 383 PIC18F2525/2620/4525/4620 28.0 PACKAGING INFORMATION 28.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead SPDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example PIC18F2620-I/SP 0810017 28-Lead SOIC XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example PIC18F2620-E/SO 0810017 40-Lead PDIP XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example PIC18F4620-I/P 0810017 3 e 3 e 3 e |