전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YC124-JR-0710KL 데이터시트(PDF) 8 Page - YAGEO Corporation

부품명 YC124-JR-0710KL
상세설명  ARRAY CHIP RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

YC124-JR-0710KL 데이터시트(HTML) 8 Page - YAGEO Corporation

  YC124-JR-0710KL Datasheet HTML 1Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 2Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 3Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 4Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 5Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 6Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 7Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 8Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
8
9
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
IEC 60068-2-58
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDECJ-STD-002B test
D
IEC 60068-2-58
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering
Heat
MIL-STD-202G-method
210F
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 270 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(1%+0.05 Ω)
<50 mΩ for Jumper
No visible damage


유사한 부품 번호 - YC124-JR-0710KL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YC124-JR-07100RL ETC1-YC124-JR-07100RL Datasheet
343Kb / 9P
Chip Resistor Surface Mount
More results

유사한 설명 - YC124-JR-0710KL

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
Chip Resistors Array
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
ARRAY CHIP RESISTORS
logo
YAGEO Corporation
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com