전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YC124-JR-0710KL 데이터시트(PDF) 9 Page - YAGEO Corporation

부품명 YC124-JR-0710KL
상세설명  ARRAY CHIP RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

YC124-JR-0710KL 데이터시트(HTML) 9 Page - YAGEO Corporation

  YC124-JR-0710KL Datasheet HTML 1Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 2Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 3Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 4Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 5Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 6Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 7Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 8Page - YAGEO Corporation YC124-JR-0710KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
9
9
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 3
Mar 09, 2011
-
- YC124 resistance range extended
Version 2
Oct 29, 2008
-
- Change to dual brand datasheet that describes YC/TC124 with RoHS
compliant
- Range extended to size TC124 (concave)
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 1
Feb 04, 2005
-
- New datasheet for 4 × 0402 chip resistor arrays 1% and 5% with lead-
free terminations
- Replace the 4 × 0402 part of pdf files: ARV341_5_PbFree_L_0.pdf and
ARV342_1_PbFree_L_0.pdf
- Test method and procedure updated
Version 0
Dec 05, 2003
-
-


유사한 부품 번호 - YC124-JR-0710KL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YC124-JR-07100RL ETC1-YC124-JR-07100RL Datasheet
343Kb / 9P
Chip Resistor Surface Mount
More results

유사한 설명 - YC124-JR-0710KL

제조업체부품명데이터시트상세설명
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
Chip Resistors Array
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
ARRAY CHIP RESISTORS
logo
YAGEO Corporation
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com