전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F635ESS 데이터시트(PDF) 214 Page - Microchip Technology

부품명 PIC12F635ESS
상세설명  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS 데이터시트(HTML) 214 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 210Page - Microchip Technology PIC12F635ESS Datasheet HTML 211Page - Microchip Technology PIC12F635ESS Datasheet HTML 212Page - Microchip Technology PIC12F635ESS Datasheet HTML 213Page - Microchip Technology PIC12F635ESS Datasheet HTML 214Page - Microchip Technology PIC12F635ESS Datasheet HTML 215Page - Microchip Technology PIC12F635ESS Datasheet HTML 216Page - Microchip Technology PIC12F635ESS Datasheet HTML 217Page - Microchip Technology PIC12F635ESS Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 212
© 2007 Microchip Technology Inc.
17.1
Package Marking Information (Continued)
14-Lead SOIC
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F636
-I/SL
0610017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
F636/ST
0610
017
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F639
-I/SS
0610017
XXXXXXX
16-Lead QFN
XXXXXXX
YYWWNNN
16F636
Example
-I/ML
0610017
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F636-I/P
0610017
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More