| 전자부품 데이터시트 검색엔진 |
|
PIC18F4550ESOSQTP 데이터시트(PDF) 126 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESOSQTP 데이터시트(HTML) 126 Page - Microchip Technology |
|
126 / 438 page ![]() PIC18F2455/2550/4455/4550 DS39632E-page 124 © 2009 Microchip Technology Inc. TABLE 10-8: SUMMARY OF REGISTERS ASSOCIATED WITH PORTD Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page PORTD(3) RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 56 LATD(3) LATD7 LATD6 LATD5 LATD4 LATD3 LATD2 LATD1 LATD0 56 TRISD(3) TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 56 PORTE RDPU(3) — — — RE3(1,2) RE2(3) RE1(3) RE0(3) 56 CCP1CON P1M1(3) P1M0(3) DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 55 SPPCON(3) — — — — — — SPPOWN SPPEN 57 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD. Note 1: Implemented only when Master Clear functionality is disabled (MCLRE Configuration bit = 0). 2: RE3 is the only PORTE bit implemented on both 28-pin and 40/44-pin devices. All other bits are implemented only when PORTE is implemented (i.e., 40/44-pin devices). 3: These registers and/or bits are unimplemented on 28-pin devices. |