| 전자부품 데이터시트 검색엔진 |
|
PIC18F4550ESOSQTP 데이터시트(PDF) 166 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESOSQTP 데이터시트(HTML) 166 Page - Microchip Technology |
|
166 / 438 page ![]() PIC18F2455/2550/4455/4550 DS39632E-page 164 © 2009 Microchip Technology Inc. TABLE 16-3: REGISTERS ASSOCIATED WITH ECCP MODULE AND TIMER1 TO TIMER3 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 53 RCON IPEN SBOREN(1) — RI TO PD POR BOR 54 IPR1 SPPIP(2) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 56 PIR1 SPPIF(2) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 56 PIE1 SPPIE(2) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 56 IPR2 OSCFIP CMIP USBIP EEIP BCLIP HLVDIP TMR3IP CCP2IP 56 PIR2 OSCFIF CMIF USBIF EEIF BCLIF HLVDIF TMR3IF CCP2IF 56 PIE2 OSCFIE CMIE USBIE EEIE BCLIE HLVDIE TMR3IE CCP2IE 56 TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 56 TRISC TRISC7 TRISC6 — — — TRISC2 TRISC1 TRISC0 56 TRISD(2) TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 56 TMR1L Timer1 Register Low Byte 54 TMR1H Timer1 Register High Byte 54 T1CON RD16 T1RUN T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 54 TMR2 Timer2 Module Register 54 T2CON — T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0 54 PR2 Timer2 Period Register 54 TMR3L Timer3 Register Low Byte 55 TMR3H Timer3 Register High Byte 55 T3CON RD16 T3CCP2 T3CKPS1 T3CKPS0 T3CCP1 T3SYNC TMR3CS TMR3ON 55 CCPR1L Capture/Compare/PWM Register 1 (LSB) 55 CCPR1H Capture/Compare/PWM Register 1 (MSB) 55 CCP1CON P1M1(2) P1M0(2) DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 55 ECCP1AS ECCPASE ECCPAS2 ECCPAS1 ECCPAS0 PSSAC1 PSSAC0 PSSBD1(2) PSSBD0(2) 55 ECCP1DEL PRSEN PDC6(2) PDC5(2) PDC4(2) PDC3(2) PDC2(2) PDC1(2) PDC0(2) 55 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation. Note 1: The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’. 2: These bits or registers are unimplemented in 28-pin devices; always maintain these bits clear. |