| 전자부품 데이터시트 검색엔진 |
|
PIC10F320T-EMCSQTP 데이터시트(PDF) 193 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F320T-EMCSQTP 데이터시트(HTML) 193 Page - Microchip Technology |
|
193 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 193 PIC10(L)F320/322 27.0 PACKAGING INFORMATION 27.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 6-Lead SOT-23 Example XXNN 8-Lead PDIP (300 mil) Example XXXXXXXX XXXXXNNN YYWW 8-Lead DFN (2x3x0.9 mm) Example 10F320 1110 3 e I/P 07Q LA11 BAA 110 20 |