전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX250 데이터시트(PDF) 134 Page - Microsemi Corporation

부품명 AX250
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 데이터시트(HTML) 134 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 130Page - Microsemi Corporation AX250 Datasheet HTML 131Page - Microsemi Corporation AX250 Datasheet HTML 132Page - Microsemi Corporation AX250 Datasheet HTML 133Page - Microsemi Corporation AX250 Datasheet HTML 134Page - Microsemi Corporation AX250 Datasheet HTML 135Page - Microsemi Corporation AX250 Datasheet HTML 136Page - Microsemi Corporation AX250 Datasheet HTML 137Page - Microsemi Corporation AX250 Datasheet HTML 138Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 262 page
background image
Package Pin Assignments
3- 8
R ev isio n 1 8
VCCIB0
B4
VCCIB0
C4
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K12
VCCIB0
K13
VCCIB1
A24
VCCIB1
B24
VCCIB1
C24
VCCIB1
J16
VCCIB1
J17
VCCIB1
J18
VCCIB1
K15
VCCIB1
K16
VCCIB2
D25
VCCIB2
D26
VCCIB2
D27
VCCIB2
K19
VCCIB2
L19
VCCIB2
M18
VCCIB2
M19
VCCIB2
N18
VCCIB3
AD25
VCCIB3
AD26
VCCIB3
AD27
VCCIB3
R18
VCCIB3
T18
VCCIB3
T19
VCCIB3
U19
VCCIB3
V19
VCCIB4
AE24
VCCIB4
AF24
VCCIB4
AG24
VCCIB4
V15
VCCIB4
V16
VCCIB4
W16
BG729
AX1000 Function
Pin
Number
VCCIB4
W17
VCCIB4
W18
VCCIB5
AE4
VCCIB5
AF4
VCCIB5
AG4
VCCIB5
V12
VCCIB5
V13
VCCIB5
W10
VCCIB5
W11
VCCIB5
W12
VCCIB6
AD1
VCCIB6
AD2
VCCIB6
AD3
VCCIB6
R10
VCCIB6
T10
VCCIB6
T9
VCCIB6
U9
VCCIB6
V9
VCCIB7
D1
VCCIB7
D2
VCCIB7
D3
VCCIB7
K9
VCCIB7
L9
VCCIB7
M10
VCCIB7
M9
VCCIB7
N10
VCOMPLA
B13
VCOMPLB
A14
VCOMPLC
A15
VCOMPLD
J15
VCOMPLE
AG15
VCOMPLF
W15
VCOMPLG
AC14
VCOMPLH
W13
VPUMP
D24
BG729
AX1000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More