전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX500 데이터시트(PDF) 174 Page - Microsemi Corporation

부품명 AX500
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 데이터시트(HTML) 174 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 170Page - Microsemi Corporation AX500 Datasheet HTML 171Page - Microsemi Corporation AX500 Datasheet HTML 172Page - Microsemi Corporation AX500 Datasheet HTML 173Page - Microsemi Corporation AX500 Datasheet HTML 174Page - Microsemi Corporation AX500 Datasheet HTML 175Page - Microsemi Corporation AX500 Datasheet HTML 176Page - Microsemi Corporation AX500 Datasheet HTML 177Page - Microsemi Corporation AX500 Datasheet HTML 178Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 262 page
background image
Package Pin Assignments
3- 48
R e v i sio n 1 8
IO197PB6F18
Y6
IO198NB6F18
AD1
IO198PB6F18
AE1
IO199NB6F18
AA2
IO199PB6F18
AB2
IO200NB6F18
Y3
IO200PB6F18
AA3
IO201NB6F18
V5
IO201PB6F18
W5
IO202NB6F18
AB1
IO202PB6F18
AC1
IO203NB6F19
V4
IO203PB6F19
W4
IO204NB6F19
V3
IO204PB6F19
W3
IO205NB6F19
U6
IO205PB6F19
V6
IO206NB6F19
W2
IO206PB6F19
Y2
IO207NB6F19
U4
IO207PB6F19
U5
IO208NB6F19
Y1
IO208PB6F19
AA1
IO209NB6F19
T6
IO209PB6F19
T7
IO211NB6F19
T3
IO211PB6F19
U3
IO212NB6F19
V1
IO212PB6F19
V2
IO213NB6F19
T5
IO213PB6F19
T4
IO214NB6F20
U1
IO214PB6F20
U2
IO215NB6F20
R6
IO215PB6F20
R7
IO217NB6F20
R5
FG676
AX1000 Function
Pin Number
IO217PB6F20
R4
IO218NB6F20
R2
IO218PB6F20
T2
IO219NB6F20
P3
IO219PB6F20
R3
IO220NB6F20
R1
IO220PB6F20
T1
IO221NB6F20
P6
IO221PB6F20
P7
IO223NB6F20
P5
IO223PB6F20
P4
Bank 7
IO225NB7F21
N5
IO225PB7F21
N4
IO226NB7F21
N2
IO226PB7F21
N3
IO227NB7F21
N6
IO227PB7F21
N7
IO229NB7F21
M7
IO229PB7F21
M6
IO231NB7F21
M5
IO231PB7F21
M4
IO232NB7F21
L1
IO232PB7F21
M1
IO233NB7F21
M2
IO233PB7F21
M3
IO235NB7F21
K2
IO235PB7F21
L2
IO236NB7F22
L5
IO236PB7F22
L4
IO237NB7F22
L6
IO237PB7F22
L7
IO238NB7F22
K3
IO238PB7F22
L3
IO240NB7F22
J1
IO240PB7F22
K1
FG676
AX1000 Function
Pin Number
IO241NB7F22
K6
IO241PB7F22
K5
IO242NB7F22
H2
IO242PB7F22
J2
IO243NB7F22
J4
IO243PB7F22
K4
IO244NB7F22
H3
IO244PB7F22
J3
IO245NB7F22
G2
IO245PB7F22
G1
IO247NB7F23
J6
IO247PB7F23
J5
IO248NB7F23
E1
IO248PB7F23
F1
IO249NB7F23
E2
IO249PB7F23
F2
IO250NB7F23
G4
IO250PB7F23
H4
IO251NB7F23
F3
IO251PB7F23
G3
IO253NB7F23
H6
IO253PB7F23
H5
IO254NB7F23
D2
IO254PB7F23
D1
IO255NB7F23
E4
IO255PB7F23
F4
IO256NB7F23
D3
IO256PB7F23
E3
IO257NB7F23
F5
IO257PB7F23
G5
Dedicated I/O
GND
A1
GND
A13
GND
A14
GND
A19
GND
A26
FG676
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More