전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C971VCW 데이터시트(PDF) 222 Page - Advanced Micro Devices

부품명 AM79C971VCW
상세설명  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW 데이터시트(HTML) 222 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 218Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 219Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 220Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 221Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 223Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 226Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 265 page
background image
222
Am79C971
SWITCHING WAVEFORMS: ATTACHMENT UNIT INTERFACE (CONTINUED)
Figure 80.
Transmit Timing - End of Frame (Last Bit = 1)
XTAL1
ISTDCLK
(Note 1)
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO
±
DO–
11
1
10
0
tDOETD
Typical > 250 ns
Bit (n–2)
Bit (n–1) Bit (n)
Note 1:
Internal signal and is shown for clarification only.
20550D-83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More