전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C975 데이터시트(PDF) 237 Page - Advanced Micro Devices

부품명 AM79C975
상세설명  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 데이터시트(HTML) 237 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 233Page - Advanced Micro Devices AM79C975 Datasheet HTML 234Page - Advanced Micro Devices AM79C975 Datasheet HTML 235Page - Advanced Micro Devices AM79C975 Datasheet HTML 236Page - Advanced Micro Devices AM79C975 Datasheet HTML 237Page - Advanced Micro Devices AM79C975 Datasheet HTML 238Page - Advanced Micro Devices AM79C975 Datasheet HTML 239Page - Advanced Micro Devices AM79C975 Datasheet HTML 240Page - Advanced Micro Devices AM79C975 Datasheet HTML 241Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 304 page
background image
Am79C973/Am79C975
237
P R E L I M INARY
SWITCHING WAVEFORMS: SYSTEM BUS INTERFACE (Continued)
Figure 61 Output Valid Delay Timing
Figure 62 Output Tri-state Delay Timing
Figure 63 EEPROM Read Functional Timing
CLK
tVAL(REQ)
Tx
Tx
Tx
MIN
MAX
Valid n
Valid n+1
REQ
MIN
MAX
Valid n
Valid n+1
tVAL
AD[31:00] C/BE[3:0],
PAR, FRAME, IRDY,
TRDY
, STOP, DEVSEL,
PERR, SERR
21510D-65
CLK
Tx
Tx
Tx
AD[31:00], C/BE[3:0],
PAR, FRAME, IRDY,
TRDY
, STOP,
DEVSEL
, PERR
AD[31:00], C/BE[3:0],
PAR, FRAME, IRDY,
TRDY
, STOP,
DEVSEL
, PERR
Valid n
tOFF
tON
Valid n
21510D-66
EECS
EESK
EEDI
EEDO
01
1
A6
A5
A4
A3
A2
A1
A0
D15
D14 D13
D2
D1
D0
21510D-67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More