| 전자부품 데이터시트 검색엔진 |
|
STM32F205RB 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RB 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 177 page ![]() STM32F20xxx Electrical characteristics Doc ID 15818 Rev 9 105/177 I2S - SPI interface characteristics Unless otherwise specified, the parameters given in Table 52 for SPI or in Table 53 for I2S are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 12. Refer to Section 5.3.16: I/O port characteristics for more details on the input/output alternate function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S). Table 52. SPI characteristics Symbol Parameter Conditions Min Max Unit fSCK 1/tc(SCK) SPI clock frequency SPI1 master/slave mode - 30 MHz SPI2/SPI3 master/slave mode - 15 tr(SCL) tf(SCL) SPI clock rise and fall time Capacitive load: C = 30 pF, fPCLK = 30 MHz - 8 ns DuCy(SCK) SPI slave input clock duty cycle Slave mode 30 70 % tsu(NSS) (1) 1. Based on characterization, not tested in production. NSS setup time Slave mode 4tPCLK - ns th(NSS) (1) NSS hold time Slave mode 2tPCLK - tw(SCLH) (1) tw(SCLL) (1) SCK high and low time Master mode, fPCLK = 30 MHz, presc = 2 tPCLK-3tPCLK+3 tsu(MI) (1) tsu(SI) (1) Data input setup time Master mode 5 - Slave mode 5 - th(MI) (1) th(SI) (1) Data input hold time Master mode 5 - Slave mode 4 - ta(SO) (1)(2) 2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data. Data output access time Slave mode, fPCLK = 30 MHz 0 3tPCLK tdis(SO) (1)(3) 3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z Data output disable time Slave mode 2 10 tv(SO) (1) Data output valid time Slave mode (after enable edge) - 25 tv(MO) (1) Data output valid time Master mode (after enable edge) - 5 th(SO) (1) Data output hold time Slave mode (after enable edge) 15 - th(MO) (1) Master mode (after enable edge) 2 - |