| 전자부품 데이터시트 검색엔진 |
|
STM32F103ZG 데이터시트(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103ZG 데이터시트(HTML) 112 Page - STMicroelectronics |
|
112 / 120 page ![]() Package characteristics STM32F103xF, STM32F103xG 112/120 Doc ID 16554 Rev 3 Figure 64. LQFP100, 14 x 14 mm 100-pin low-profile quad flat package outline(1) Figure 65. Recommended footprint(1)(2) 1. Drawing is not to scale. 2. Dimensions are in millimeters. D D1 D3 75 51 50 76 100 26 125 E3 E1 E e b Pin 1 identification SEATING PLANE GAGE PLANE C A A2 A1 C ccc 0.25 mm 0.10 inch L L1 k C 1L_ME 75 51 50 76 0.5 0.3 16.7 14.3 100 26 12.3 25 1.2 16.7 1 ai14906b Table 70. LQPF100 – 14 x 14 mm 100-pin low-profile quad flat package mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A 1.60 0.063 A1 0.05 0.15 0.002 0.0059 A2 1.35 1.40 1.45 0.0531 0.0551 0.0571 b 0.17 0.22 0.27 0.0067 0.0087 0.0106 c 0.09 0.20 0.0035 0.0079 D 15.80 16.00 16.20 0.622 0.6299 0.6378 D1 13.80 14.00 14.20 0.5433 0.5512 0.5591 D3 12.00 0.4724 E 15.80 16.00 16.20 0.622 0.6299 0.6378 E1 13.80 14.00 14.20 0.5433 0.5512 0.5591 E3 12.00 0.4724 e 0.50 0.0197 L 0.45 0.60 0.75 0.0177 0.0236 0.0295 L1 1.00 0.0394 k 0° 3.5°7° 0°3.5° 7° ccc 0.08 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. |