전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4680ESOSQTP 데이터시트(PDF) 114 Page - Microchip Technology

부품명 PIC18F4680ESOSQTP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ESOSQTP 데이터시트(HTML) 114 Page - Microchip Technology

Back Button PIC18F4680ESOSQTP Datasheet HTML 110Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 111Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 112Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 113Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 114Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 112
Preliminary
© 2007 Microchip Technology Inc.
Example 8-3 shows the sequence to do a 16 x 16
unsigned
multiplication.
Equation 8-1
shows
the
algorithm that is used. The 32-bit result is stored in four
registers (RES3:RES0).
EQUATION 8-1:
16 x 16 UNSIGNED
MULTIPLICATION
ALGORITHM
EXAMPLE 8-3:
16 x 16 UNSIGNED
MULTIPLY ROUTINE
Example 8-4 shows the sequence to do a 16 x 16
signed multiply. Equation 8-2 shows the algorithm
used. The 32-bit result is stored in four registers
(RES3:RES0). To account for the signed bits of the
arguments, the MSb for each argument pair is tested
and the appropriate subtractions are done.
EQUATION 8-2:
16 x 16 SIGNED
MULTIPLICATION
ALGORITHM
EXAMPLE 8-4:
16 x 16 SIGNED
MULTIPLY ROUTINE
RES3:RES0
=
ARG1H:ARG1L
• ARG2H:ARG2L
=
(ARG1H
• ARG2H • 216) +
(ARG1H
• ARG2L • 28) +
(ARG1L
• ARG2H • 28) +
(ARG1L
• ARG2L)
MOVF
ARG1L, W
MULWF
ARG2L
; ARG1L * ARG2L->
; PRODH:PRODL
MOVFF
PRODH, RES1
;
MOVFF
PRODL, RES0
;
;
MOVF
ARG1H, W
MULWF
ARG2H
; ARG1H * ARG2H->
; PRODH:PRODL
MOVFF
PRODH, RES3
;
MOVFF
PRODL, RES2
;
;
MOVF
ARG1L, W
MULWF
ARG2H
; ARG1L * ARG2H->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1, F
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2, F
;
CLRF
WREG
;
ADDWFC
RES3, F
;
;
MOVF
ARG1H, W
;
MULWF
ARG2L
; ARG1H * ARG2L->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1, F
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2, F
;
CLRF
WREG
;
ADDWFC
RES3, F
;
RES3:RES0 = ARG1H:ARG1L
• ARG2H:ARG2L
= (ARG1H
• ARG2H • 216) +
(ARG1H
• ARG2L • 28) +
(ARG1L
• ARG2H • 28) +
(ARG1L
• ARG2L) +
(-1
• ARG2H<7> • ARG1H:ARG1L • 216) +
(-1
• ARG1H<7> • ARG2H:ARG2L • 216)
MOVF
ARG1L, W
MULWF
ARG2L
; ARG1L * ARG2L ->
; PRODH:PRODL
MOVFF
PRODH, RES1
;
MOVFF
PRODL, RES0
;
;
MOVF
ARG1H, W
MULWF
ARG2H
; ARG1H * ARG2H ->
; PRODH:PRODL
MOVFF
PRODH, RES3
;
MOVFF
PRODL, RES2
;
;
MOVF
ARG1L,W
MULWF
ARG2H
; ARG1L * ARG2H ->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1, F
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2, F
;
CLRF
WREG
;
ADDWFC
RES3, F
;
;
MOVF
ARG1H, W
;
MULWF
ARG2L
; ARG1H * ARG2L ->
; PRODH:PRODL
MOVF
PRODL, W
;
ADDWF
RES1, F
; Add cross
MOVF
PRODH, W
; products
ADDWFC
RES2, F
;
CLRF
WREG
;
ADDWFC
RES3, F
;
;
BTFSS
ARG2H, 7
; ARG2H:ARG2L neg?
BRA
SIGN_ARG1
; no, check ARG1
MOVF
ARG1L, W
;
SUBWF
RES2
;
MOVF
ARG1H, W
;
SUBWFB
RES3
;
SIGN_ARG1
BTFSS
ARG1H, 7
; ARG1H:ARG1L neg?
BRA
CONT_CODE
; no, done
MOVF
ARG2L, W
;
SUBWF
RES2
;
MOVF
ARG2H, W
;
SUBWFB
RES3
;
CONT_CODE
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More