전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F882-I 데이터시트(PDF) 304 Page - Microchip Technology

부품명 PIC16F882-I
상세설명  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882-I 데이터시트(HTML) 304 Page - Microchip Technology

Back Button PIC16F882-I Datasheet HTML 300Page - Microchip Technology PIC16F882-I Datasheet HTML 301Page - Microchip Technology PIC16F882-I Datasheet HTML 302Page - Microchip Technology PIC16F882-I Datasheet HTML 303Page - Microchip Technology PIC16F882-I Datasheet HTML 304Page - Microchip Technology PIC16F882-I Datasheet HTML 305Page - Microchip Technology PIC16F882-I Datasheet HTML 306Page - Microchip Technology PIC16F882-I Datasheet HTML 307Page - Microchip Technology PIC16F882-I Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 302
© 2009 Microchip Technology Inc.
19.1
Package Marking Information (Continued)
3
e
40-Lead PDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F885
0710017
XXXXXXXXXX
44-Lead QFN
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
PIC16F887
Example
-I/ML
0710017
44-Lead TQFP
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
PIC16F887
-I/PT
0710017
3
e
3
e
-I/P
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More