전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBH-5122 데이터시트(PDF) 1 Page - API Technologies Corp

부품명 QBH-5122
상세설명  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-5122 데이터시트(HTML) 1 Page - API Technologies Corp

  QBH-5122 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-5122
Available as: QBH-5122, F-Pack (E52-18563)
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ............................... -65ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 16 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 17.0 dB Typical
!
!
!
!
! High Power: +19 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 500 MHz
10 - 500 MHz
Power
Vdc
+15
+15
mA
65
65 Max.
Noise Figure (dB)
4.2
4.6 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Reverse Isolation (dB)
-22
-22 Min.
Gain (dB)
17.0 ± 0.5
Gain Flatness
1.0
1.0 Max.
Output Intercept point
3rd Order
+30
+26 Min.
2nd Order
+38
+32 Min.
Gain vs. Temperature
+0.6/-0.8 Max.
1 dB Compression (dBm)
+19
+18 Min.
Typical Performance Data
Note:
1. Specifications are guaranteed when tested in a 50 Ohm system. Specifica-
tions indicated as typical are not guaranteed.
03/11/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
10
40
60
70
90
100
300
400
500
-25.0
-29.1
-30.5
-31.2
-32.5
-32.8
-20.5
-15.7
-12.6
-171.9
176.9
-178.3
-173.9
-166.2
-161.5
-139.2
-157.6
178.2
17.0
17.1
17.2
17.2
17.2
17.2
17.4
17.4
17.3
-174.5
168.9
161.3
157.7
150.5
147.0
76.6
40.0
2.0
-36.7
-35.7
-35.1
-34.8
-34.1
-33.8
-27.5
-25.3
-23.6
14.7
11.8
15.0
13.4
14.9
14.3
-11.9
-33.6
-59.1
-18.7
-22.1
-22.0
-21.8
-21.2
-20.8
-14.2
-12.3
-11.3
151.0
172.7
179.9
-176.7
-172.8
-171.7
169.0
147.4
123.6
===================================================================
13
17
16
14
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
15
18
-70
-20
-40
-60
-50
-30
-10
10
100
1000
MHz
10
100
1000
MHz
17
21
19
18
20
10
100
1000
MHz
1.8
1.4
1.2
1.6
2.0
10
100
1000
MHz
36
32
28
30
38
34
10
100
1000
MHz
5.0
2.0
6.0
4.0
Noise Figure (dB)
10
100
1000
MHz
3.0
1.0
Input
Output
7.0
22
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


유사한 부품 번호 - QBH-5122

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
QBH-5128 SPECTRUM-QBH-5128 Datasheet
64Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
QBH-5128 APITECH-QBH-5128 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results

유사한 설명 - QBH-5122

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com